Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EC3
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EC3 Datasheet(HTML) 1 Page - Silicon Laboratories

  EC3 Datasheet HTML 1Page - Silicon Laboratories EC3 Datasheet HTML 2Page - Silicon Laboratories EC3 Datasheet HTML 3Page - Silicon Laboratories EC3 Datasheet HTML 4Page - Silicon Laboratories EC3 Datasheet HTML 5Page - Silicon Laboratories EC3 Datasheet HTML 6Page - Silicon Laboratories EC3 Datasheet HTML 7Page - Silicon Laboratories EC3 Datasheet HTML 8Page - Silicon Laboratories EC3 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 0.1 6/12
Copyright © 2012 by Silicon Laboratories
Si4010-DK
Si4010-DK
Si4010 D EVELOPMENT K IT U SER ’S G UIDE
1. Key Fob Development Platform
The Si4010 key fob development platform is a flexible platform for comfortably developing software and testing the
whole system using the Silicon Laboratories software development IDE. The platform also allows programming of
the NVM on chip. The kit has three versions: one for the 434 MHz band (P/N 4010-KFOBDEV-434), one for the
868 MHz band (P/N 4010- KFOBDEV-868) and one for the 915 MHz band (P/N 4010-KFOBDEV-915).
1.1. Kit Content
Table 1. Kit Content
Qty
Part Number
Description
4010-KFOBDEV-434
Si4010 Key Fob Development Kit 434 MHz
2
4010-KFOB-434-NF
Si4010 key fob demo board 434 MHz w/o IC
1
MSC-DKPE1
SOIC/MSOP socketed development board
3
Si4010-C2-GS
Si4010-C2-GS transmitter IC, SOIC Package
1
4010-DKPB434-BM
Si4010 MSOP key fob development board 434 MHz, SMA
1
4355-LED-434-SRX
Si4355 RFStick 434 MHz receiver board
1
MSC-PLPB_1
Key Fob Plastic Case (translucent grey)
1
MSC-BA5
Programming interface board
1
MSC-BA4
Burning adapter board
1
EC3
USB Debug Adapter
1
Toolstick_BA
Toolstick Base Adapter
1
MSC-DKCS5
USB Cable
1
USB extender cable (USBA-USBA)
2
AAA
AAA battery
2
CRD2032
CR2032 3 V coin battery
4010-KFOBDEV-868
Si4010 Key Fob Development Kit 868 MHz
2
4010-KFOB-868-NF
Si4010 key fob demo board 868 MHz w/o IC
1
MSC-DKPE1
SOIC/MSOP socketed development board
3
Si4010-C2-GS
Si4010-C2-GS transmitter IC, SOIC Package
1
4010-DKPB868-BM
Si4010 MSOP key fob development board 868 MHz, SMA
1
4355-LED-868-SRX
Si4355 RFStick 868 MHz receiver board


Similar Part No. - EC3

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3 ECLIPTEK-EC3 Datasheet
101Kb / 3P
CRYSTAL
EC3-20-30.000M-CL150 ECLIPTEK-EC3-20-30.000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
EC3-20-30.000M-CL175 ECLIPTEK-EC3-20-30.000M-CL175 Datasheet
101Kb / 3P
CRYSTAL
EC3-20-30.000M-I2 ECLIPTEK-EC3-20-30.000M-I2 Datasheet
101Kb / 3P
CRYSTAL
EC3-20-30000M-CL150 ECLIPTEK-EC3-20-30000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
More results

Similar Description - EC3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
STARTER KIT USER?셎 GUIDE
2010-2011
logo
Silicon Laboratories
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
Development Kit User Guide
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
Development Kit User Guide
Revision: 4 Date: 2021-10-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com