Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDCL015XX33 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDCL015XX33
Description  150 mA capless ultra low drop linear regulator ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015XX33 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDCL015XX33 Datasheet HTML 5Page - STMicroelectronics LDCL015XX33 Datasheet HTML 6Page - STMicroelectronics LDCL015XX33 Datasheet HTML 7Page - STMicroelectronics LDCL015XX33 Datasheet HTML 8Page - STMicroelectronics LDCL015XX33 Datasheet HTML 9Page - STMicroelectronics LDCL015XX33 Datasheet HTML 10Page - STMicroelectronics LDCL015XX33 Datasheet HTML 11Page - STMicroelectronics LDCL015XX33 Datasheet HTML 12Page - STMicroelectronics LDCL015XX33 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LDCL015XX, LDCL015XX33
Typical performance characteristics
Doc ID 022166 Rev 2
9/16
Figure 11.
Dropout voltage vs. temperature
Figure 12.
SVR vs. frequency (VOUT = 0.8 V)
Figure 13.
SVR vs. frequency
Figure 14.
Noise voltage vs. COUT
Figure 15.
Line transient (rising) VOUT = 3.3 V Figure 16. Line transient (falling) VOUT = 3.3 V
VEN = VCC = from 3.8 V to 5.5 V; IOUT = 1 mA; CIN = 0.1 µF;
no COUT
VEN = VCC = from 5.5 V to 3.8 V; IOUT = 1 mA; CIN = 0.1 µF;
no COUT
0
50
100
150
200
250
300
-75
-50
-25
0
25
50
75
100
125
150
T [°C]
V
OUT = 3.3 V
V
EN = VIN; IOUT = 150 mA
C
IN = COUT = 0.1 µF, IOUT = 10 mA
V
OUT@0.8 V
10
15
20
25
30
35
40
45
50
55
60
65
70
0.1
1
10
100
1000
f [kHz]
10
15
20
25
30
35
40
45
50
55
60
65
70
0.1
1
10
100
1000
f [kHz]
C
IN = 0.1 µF, no COUT, IOUT =10 mA
V
OUT@0.8 V
25
27
29
31
33
35
37
39
41
43
45
0
2000
4000
6000
8000
10000
C
OUT (nF)
VOUT = 1.5 V
V
OUT = 3.3 V
V
OUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com