Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC253 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # HC253
Description  Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC253 Datasheet(HTML) 4 Page - System Logic Semiconductor

  HC253 Datasheet HTML 1Page - System Logic Semiconductor HC253 Datasheet HTML 2Page - System Logic Semiconductor HC253 Datasheet HTML 3Page - System Logic Semiconductor HC253 Datasheet HTML 4Page - System Logic Semiconductor HC253 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74HC253
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Data to
Output Y (Figures 1 and 3)
2.0
4.5
6.0
140
28
24
175
35
30
210
42
36
ns
tPLH, tPHL
Maximum Propagation Delay , Address to
Output Y (Figures 1 and 3)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLZ, tPHZ
Maximum Propagation Delay ,Output Enable to
Output Y (Figures 2 and 4)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZL, tPZH
Maximum Propagation Delay ,Output Enable to
Output Y (Figures 2 and 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State)
-
15
15
15
pF
Power Dissipation Capacitance (Per Muliplexer)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
31
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com