Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F11SC Datasheet(PDF) 4 Page - Texas Instruments

Part # 74F11SC
Description  Triple 3-Input AND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F11SC Datasheet(HTML) 4 Page - Texas Instruments

  74F11SC Datasheet HTML 1Page - Texas Instruments 74F11SC Datasheet HTML 2Page - Texas Instruments 74F11SC Datasheet HTML 3Page - Texas Instruments 74F11SC Datasheet HTML 4Page - Texas Instruments 74F11SC Datasheet HTML 5Page - Texas Instruments 74F11SC Datasheet HTML 6Page - Texas Instruments 74F11SC Datasheet HTML 7Page - Texas Instruments 74F11SC Datasheet HTML 8Page - Texas Instruments 74F11SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
−55˚C to +175˚C
Plastic
−55˚C to +150˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 4)
−0.5V to +7.0V
Input Current (Note 4)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with V
CC = 0V)
Standard Output
−0.5V to V
CC
TRI-STATE® Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Commercial
0˚C to +70˚C
Supply Voltage
Military
+4.5V to +5.5V
Commercial
+4.5V to +5.5V
Note 3: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
54F/74F
Units
V
CC
Conditions
Min
Typ
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH
54F 10% V
CC
2.5
I
OH = −1 mA
Voltage
74F 10% V
CC
2.5
V
Min
I
OH = −1 mA
74F 5% V
CC
2.7
I
OH = −1 mA
V
OL
Output LOW
54F 10% V
CC
0.5
V
Min
I
OL = 20 mA
Voltage
74F 10% V
CC
0.5
I
OL = 20 mA
I
IH
Input HIGH
54F
20.0
µA
Max
V
IN = 2.7V
Current
74F
5.0
I
BVI
Input HIGH Current
54F
100
µA
Max
V
IN = 7.0V
Breakdown Test
74F
7.0
I
CEX
Output HIGH
54F
250
µA
Max
V
OUT = VCC
Leakage Current
74F
50
V
ID
Input Leakage
74F
4.75
V
0.0
I
ID = 1.9 µA
Test
All other pins grounded
I
OD
Output Leakage
74F
3.75
µA
0.0
V
IOD = 150 mV
Circuit Current
All other pins grounded
I
IL
Input LOW Current
−0.6
mA
Max
V
IN = 0.5V
I
OS
Output Short-Circuit Current
−60
−150
mA
Max
V
OUT = 0V
I
CCH
Power Supply Current
4.1
6.2
mA
Max
V
O = HIGH
I
CCL
Power Supply Current
6.5
9.7
mA
Max
V
O = LOW
AC Electrical Characteristics
See Section 0 for Waveforms and Load Configurations
74F
54F
74F
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Fig.
Symbol
Parameter
V
CC = +5.0V
C
L = 50 pF
C
L = 50 pF
Units
No.
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
3.0
4.2
5.6
2.5
7.5
3.0
6.6
ns
kk-kk
t
PHL
A
n,Bn,Cn to On
2.5
4.1
5.5
2.0
7.5
2.5
6.5
3
www.national.com
PrintDate=1997/08/26 PrintTime=16:09:27 9520 ds009459 Rev. No. 1
cmserv
Proof
3
Book
Extract
End
DSXXX
DSXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com