Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF21K0FT Datasheet(PDF) 2 Page - Tyco Electronics

Part # SMF21K0FT
Description  Low Profile Design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMF21K0FT Datasheet(HTML) 2 Page - Tyco Electronics

  SMF21K0FT Datasheet HTML 1Page - Tyco Electronics SMF21K0FT Datasheet HTML 2Page - Tyco Electronics SMF21K0FT Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Moulded Power Resistor
Type SM Series
1773242 CIS WR 04/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Power Derating
-80 -50 -40
0 20 40
80
120
160
200
240
280
100
75
50
25
0
Ambient Temperature (°C)
Maximum Allowable Body Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
250
200
150
100
50
0
Power (W)
SMW2W
135°C
SMW3W
160°C
SMW5W
220°C
Dimensions
A ±0.3
B ±0.3
C ±0.3
D ±0.3
E max
F±0.3
Qty Per Reel
SM_2
4.0
6.7
1.4
3.55
7.9
1.5
2000
SM_3
5.5
10.5
1.7
5.0
12.0
2.3
1000
SM_5
7.3
13.5
1.7
6.8
17.0
2.5
1000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com