Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB44-2R2 Datasheet(PDF) 15 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 15 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 11Page - NEC SSB44-2R2 Datasheet HTML 12Page - NEC SSB44-2R2 Datasheet HTML 13Page - NEC SSB44-2R2 Datasheet HTML 14Page - NEC SSB44-2R2 Datasheet HTML 15Page - NEC SSB44-2R2 Datasheet HTML 16Page - NEC SSB44-2R2 Datasheet HTML 17Page - NEC SSB44-2R2 Datasheet HTML 18Page - NEC SSB44-2R2 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
SMD Type
・ Precautions (see page 82)
*1 T=40K rise at rated current. *2 Inductance drop 20% at rated current.
●Operating temperature range: −20∼+120℃ (Include self temperature rise)
Large-Current Power Inductors
MPLC Series
[RoHS Compliant]
Large-Current Power Inductors
MPLC Series
[RoHS Compliant]
Inductance
Rated current(A)
Model
at 100kHz, 1mA
Irms *1
(Ref.)
Isat *2
(Ref.)
(μH)
DC resistance
(mΩ)max.
MPLC0730L1R0
MPLC0730L1R5
MPLC0730L2R2
MPLC0730L3R3
MPLC0730L4R7
MPLC1040L1R0
MPLC1040L1R5
MPLC1040L2R2
MPLC1040L3R3
MPLC1040L4R7
1.0±20%
1.5±20%
2.2±20%
3.3±20%
4.7±20%
1.0±20%
1.5±20%
2.2±20%
3.3±20%
4.7±20%
9.0
15.0
19.0
30.0
41.0
5.5
7.0
10.0
14.0
19.0
10.6
8.6
7.3
5.7
5.0
14.3
12.4
10.5
8.8
8.0
11.0
8.8
8.2
6.5
5.6
16.2
12.7
11.0
9.3
8.0
[mm]
[mm]
Shape and Dimensions
2.0
3.9
2.0
●MPLC0730 Series
Recommended Land Pattern
●MPLC0730 Series
●MPLC1040 Series
●MPLC1040 Series
7.7 max
3.0 max
(1.4)
11.5 max
4.0 max
(2.1)
3.8
6.0
3.8
DC-Superposed Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
DC.Current
(A)
4R7
3R3
2R2
1R5
1R0
MPLC0730 Series
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
DC.Current
(A)
4R7
3R3
2R2
1R5
1R0
MPLC1040 Series
Power Inductors VOL.10
15
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com