Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5801 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5801
Description  100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5801 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5801 Datasheet HTML 1Page - Diodes Incorporated AL5801 Datasheet HTML 2Page - Diodes Incorporated AL5801 Datasheet HTML 3Page - Diodes Incorporated AL5801 Datasheet HTML 4Page - Diodes Incorporated AL5801 Datasheet HTML 5Page - Diodes Incorporated AL5801 Datasheet HTML 6Page - Diodes Incorporated AL5801 Datasheet HTML 7Page - Diodes Incorporated AL5801 Datasheet HTML 8Page - Diodes Incorporated AL5801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AL5801
Document number: DS35555 Rev. 3 - 2
1 of 11
www.diodes.com
July 2012
© Diodes Incorporated
AL5801
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Description
The AL5801 combines a 100V N-channel MOSFET with a pre-
biased NPN transistor to make a simple, small footprint LED driver.
The LED current is set by an external resistor connected from REXT
pin (4) to GND pin (6). The internal pre-biased transistor develops
approximately 0.56V across the external resistor.
The AL5801 open-drain output can operate from 1.1V to 100V
enabling it to operate 5V to 100V power supplies without additional
components.
PWM dimming of the LED current can be achieved by driving the
BIAS pin (1) with an external, open-collector NPN transistor or
open-drain N-channel MOSFET.
The AL5801 is available in a SOT26 package and is ideal for driving
LED currents up to 350mA.
Features
Feedback Pin Reference Voltage VRSET = 0.56V at +25°C
-40°C to +125°C Temperature Range
1.1V to 100V Open-Drain Output
Negative temperature VRSET co-efficient automatically reduces
the LED current at high temperatures
Low thermal impedance SOT26 package with copper lead
frame
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Pin Assignments
(Top View)
SOT26
Applications
Linear LED Drivers
LED Signs
Offline LED Luminaries
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit


Similar Part No. - AL5801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
More results

Similar Description - AL5801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLD101 DIODES-DLD101 Datasheet
165Kb / 7P
LINEAR MODE CURRENT SINK LED DRIVER
DS32007 Rev. 6 - 2
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com