Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2501 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2501
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2501 Datasheet HTML 10Page - Diodes Incorporated AP2501 Datasheet HTML 11Page - Diodes Incorporated AP2501 Datasheet HTML 12Page - Diodes Incorporated AP2501 Datasheet HTML 13Page - Diodes Incorporated AP2501 Datasheet HTML 14Page - Diodes Incorporated AP2501 Datasheet HTML 15Page - Diodes Incorporated AP2501 Datasheet HTML 16Page - Diodes Incorporated AP2501 Datasheet HTML 17Page - Diodes Incorporated AP2501 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 5 - 2
14 of 18
www.diodes.com
August 2012
© Diodes Incorporated
AP2501/AP2511
Package Outline Dimensions (cont.) (All Dimensions in mm.)
(3) Package type: MSOP-8EP
(4) Package type: U-DFN3030-8 Type E
MSOP-8EP
Dim
Min
Max
Typ
A
-
1.10
-
A1
0.05
0.15
0.10
A2
0.75
0.95
0.86
A3
0.29
0.49
0.39
b
0.22
0.38
0.30
c
0.08
0.23
0.15
D
2.90
3.10
3.00
D1
1.60
2.00
1.80
E
4.70
5.10
4.90
E1
2.90
3.10
3.00
E2
1.30
1.70
1.50
E3
2.85
3.05
2.95
e
-
-
0.65
L
0.40
0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
U-DFN3030-8
Type E
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
−
−
0.15
b
0.20
0.30
0.25
D
2.95
3.05
3.00
D2
2.15
2.35
2.25
E
2.95
3.05
3.00
e
−
−
0.65
E2
1.40
1.60
1.50
L
0.30
0.60
0.45
Z
−
−
0.40
All Dimensions in mm
b (x8)
e
L (x8)
A1
A3
Z (x4)
D
D2
E2
E
A
1
D
A
A1
A2
E
e
y
x
Seating Plane
Gauge Plane
L
D
8Xb
See Detail C
Detail C
c
E1
E3
A3
E2
4X
10°
4X
10°
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com