Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP-032 Datasheet(PDF) 62 Page - NEC

Part # SHP-032
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SHP-032 Datasheet(HTML) 62 Page - NEC

Back Button SHP-032 Datasheet HTML 58Page - NEC SHP-032 Datasheet HTML 59Page - NEC SHP-032 Datasheet HTML 60Page - NEC SHP-032 Datasheet HTML 61Page - NEC SHP-032 Datasheet HTML 62Page - NEC SHP-032 Datasheet HTML 63Page - NEC SHP-032 Datasheet HTML 64Page - NEC SHP-032 Datasheet HTML 65Page - NEC SHP-032 Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
Power Inductors VOL.10
62
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
DC-Superposed Characteristics
110
100
90
80
60
50
70
40
30
20
10
0
0.0
0.5
1.0
1.5
2.0
Idc
(A)
H
・DI-0630-101
H
・DI-0630-680
H
・DI-0630-470
H
・DI-0630-330
H
・DI-0630-220
H
・DI-0630-150
H
・DI-0630-100
H
・DI-0630-101
H
・DI-0630-680
H
・DI-0630-470
H
・DI-0630-330
H
・DI-0630-220
H
・DI-0630-150
H
・DI-0630-100
H
・DI-0630 Series(2000pcs./reel)
Dimensions of indented square hole plastic tape
J
FG H
K
t
A
Packing position
220
Reel dimensions
±
[mm]
AB
C
D
E
F
G
H
J
K
t
0.1
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1 +0.1, –0 ± 0.1 ± 0.05
6.3
6.3
12.0
5.5
1.75
8.0
2.0
4.0
ø1.5
3.2
0.4
[mm]
AB
C
D
E
W1
W2
± 0.5
± 1.0
± 0.5
+2.0, –0
± 2.0
ø330
ø80
ø13.0
ø21.0
2.0
12.5
16.5
E
C
D
W1
W2
10
8
6
4
2
1
3
5
7
9
0
02
16
5
4
37
Idc
(A)
H
・DI-0630-6R8
H
・DI-0630-4R7
H
・DI-0630-3R8
H
・DI-0630-2R4
H
・DI-0630-1R3
H
・DI-0630-6R8
H
・DI-0630-4R7
H
・DI-0630-3R8
H
・DI-0630-2R4
H
・DI-0630-1R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com