Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC4015D Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HC4015D
Description  Dual 4-Bit Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4015D Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HC4015D Datasheet HTML 1Page - System Logic Semiconductor SL74HC4015D Datasheet HTML 2Page - System Logic Semiconductor SL74HC4015D Datasheet HTML 3Page - System Logic Semiconductor SL74HC4015D Datasheet HTML 4Page - System Logic Semiconductor SL74HC4015D Datasheet HTML 5Page - System Logic Semiconductor SL74HC4015D Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL74HC4015
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figure 2)
2.0
4.5
6.0
6
30
35
4.8
24
28
4
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q (Figures
2 and 5)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPHL
Maximum Propagation Delay, Reset to Q (Figures
1 and 5)
2.0
4.5
6.0
205
41
35
255
51
43
310
62
53
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 3 and 5)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Latch)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
140
pF
TIMING REQUIREMENTS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, D to Clock
(Figure 4)
2.0
4.5
6.0
50
10
9.0
65
13
11
75
15
13
ns
th
Minimum Hold Time, Clock to D
(Figure 4)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time, Reset to
Clock (Figure 1)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Reset (Figure
1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Clock (Figure
4)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com