Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC4046D Datasheet(PDF) 6 Page - System Logic Semiconductor

Part # SL74HC4046D
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4046D Datasheet(HTML) 6 Page - System Logic Semiconductor

Back Button SL74HC4046D Datasheet HTML 2Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 3Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 4Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 5Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 6Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 7Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 8Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 9Page - System Logic Semiconductor SL74HC4046D Datasheet HTML 10Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SL74HC4046
System Logic
Semiconductor
SLS
[VCO Section]
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) - continued
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
IIN
Maximum Input
Leakage Current INH,
VCOIN
VIN =Vcc or GND
6.0
0.1
1.0
1.0
µA
Min
Max
Min
Max
Min
Max
VVCOIN
Operating Voltage
Range at VCOIN over
the range specified for
R1; For linearity see
Fig.13A, Parallel value
of R1 and R2 should be
>2.7 k
Ω
INH= VIL
3.0
4.5
6.0
0.1
0.1
0.1
1.0
2.5
4.0
0.1
0.1
0.1
1.0
2.5
4.0
0.1
0.1
0.1
1.0
2.5
4.0
V
R1
Resistor Range
3.0
4.5
6.0
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
k
Ω
R2
3.0
4.5
6.0
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
C1
Capacitor Range
3.0
4.5
6.0
40
40
40
No
Li-
mit
pF
[VCO Section]
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
Min
Max
Min
Max
Min
Max
∆f/T
Frequency Stability with Temperature
Changes (Figures 11A,B,C)
3.0
4.5
6.0
%/K
fo
VCO Center Frequency
(Duty Factor = 50%)
(Figures 12A,B,C)
3.0
4.5
6.0
3
11
13
MHz
∆fVCO VCO Frequency Linearity
3.0
4.5
6.0
See Figures 13A,B
%
∂VCO
Duty Factor at VCOOUT
3.0
4.5
6.0
Typical 50%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com