Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4046 Datasheet(PDF) 8 Page - System Logic Semiconductor

Part # 74HC4046
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74HC4046 Datasheet(HTML) 8 Page - System Logic Semiconductor

Back Button 74HC4046 Datasheet HTML 4Page - System Logic Semiconductor 74HC4046 Datasheet HTML 5Page - System Logic Semiconductor 74HC4046 Datasheet HTML 6Page - System Logic Semiconductor 74HC4046 Datasheet HTML 7Page - System Logic Semiconductor 74HC4046 Datasheet HTML 8Page - System Logic Semiconductor 74HC4046 Datasheet HTML 9Page - System Logic Semiconductor 74HC4046 Datasheet HTML 10Page - System Logic Semiconductor 74HC4046 Datasheet HTML 11Page - System Logic Semiconductor 74HC4046 Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SL74HC4046
System Logic
Semiconductor
SLS
DETAILED CIRCUIT DESCRIPTION
Voltage Controlled Oscillator/Demodulator Output
The VCO requires two or three external
components to operate. These are R1, R2, C1. Resistor
R1 and Capacitor C1 are selected to determine the
center frequency of the VCO (see typical performance
curves Figure 12). R2 can be used to set the offset
frequency with 0 volts at VCO input. For example, if R2
is decreased, the offset frequency is increased. If R2 is
omitted the VCO range is from 0 Hz. By increasing the
value of R2 the lock range of the PLL is increased and
the gain (volts/Hz) is decreased. Thus, for a narrow
lock range, large swings on the VCO input will cause
less frequency variation.
Internally, the resistors set a current in a current
mirror, as shown in Figure 5. The mirrored current
drives one side of the capacitor. Once the voltage
across the capacitor charges up to Vref of the
comparators, the oscillator logic flips the capacitor
which causes the mirror to change the opposite side of
the capacitor. The output from the internal logic is then
taken to VCO output (Pin4).
The input to the VCO is a very high impedance
CMOS input and thus will not load down the loop filter,
easing the filters design. In order to make signals at the
VCO input accessible without degrading the loop
performance, the VCO input voltage is buffered
through a unity gain Op -amp, to Demod Output. This
Op-amp can drive loads of 50K ohms or more and
provides no loading effects to the VCO input voltage
(see Figure 10).
An inhibit input is provided to allow disabling
of the VCO and all Op-amps (see Figure 5). This is
useful if the internal VCO is not being used. A logic
high on inhibit disables the VCO and all Op-amps,
minimizing standby power consumption.
The output of the VCO is a standard high speed
CMOS output with an equivalent LS-TTL fan out of 10.
The VCO output is approximately a square wave. This
output can either directly feed the COMPIN of the
phase
comparators
or
feed
external
prescalers
(counters) to enable frequency synthesis.
Figure 5. Logic Diagram for VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com