Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1245UFCL Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP1245UFCL
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1245UFCL Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP1245UFCL Datasheet HTML 1Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 2Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 3Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 4Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 5Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 6Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP1245UFCL
Document number: DS35505 Rev. 1 - 2
4 of 7
www.diodes.com
November 2011
© Diodes Incorporated
DMP1245UFCL
A Product Line of
Diodes Incorporated
Fig. 4 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 2.0V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
= 8.0V
GS
V
= 1.8V
GS
V
= 1.5V
GS
V
= 1.2V
GS
Fig. 5 Typical Transfer Characteristic
-V
, GATE-SOURCE VOLTAGE (V)
GS
0
4
8
12
16
20
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig. 6 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
0
0.01
0.02
0.03
0.04
0.05
0.06
04
8
12
16
20
V
= -4.5V
GS
V
= -3.5V
GS
V
= -2.5V
GS
V
= -1.8V
GS
V
= -1.5V
GS
I , DRAIN CURRENT (A)
D
Fig. 7 Typical On-Resistance
vs. Drain Current and Temperature
0
0.02
0.04
0.06
04
8
12
16
20
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
V
= 4.5V
GS
T = 125°C
A
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 8 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
V
= -2.5V
I = -5A
GS
D
V
= -4.5V
I = -10A
GS
D
Fig. 9 On-Resistance Variation with Temperature
-50
-25025
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0.01
0.02
0.03
0.04
0.05
0.06
V
= -4.5V
I = -10A
GS
D
V
= -2.5V
I = -5A
GS
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com