Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78HT205SC Datasheet(PDF) 1 Page - Texas Instruments

Part # 78HT205SC
Description  2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

78HT205SC Datasheet(HTML) 1 Page - Texas Instruments

  78HT205SC Datasheet HTML 1Page - Texas Instruments 78HT205SC Datasheet HTML 2Page - Texas Instruments 78HT205SC Datasheet HTML 3Page - Texas Instruments 78HT205SC Datasheet HTML 4Page - Texas Instruments 78HT205SC Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
2 AMP POSITIVE STEP-DOWN
INTEGRATED SWITCHING REGULATOR
78HT200
Series
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic
Pin-Out Information
Pin No. Function
1Vin
2
GND
3Vout
Ordering Information
78HT2
C
Output Voltage
(For dimensions and PC board
layout see Package Style 500.)
XX
Y
33
= 3.3 Volts
46
= 4.6 Volts
05
= 5.0 Volts
53
= 5.25 Volts
65
= 6.5 Volts
75
= 7.5 Volts
10
= 10.0 Volts
Package Suffix
V
= Vertical Mount
S
= Surface Mount
H
= Horizontal
Mount
High Efficiency > 82%
Wide Input Range
Self-Contained Inductor
Short-Circuit Protection
Over-Temperature Protection
Fast Transient Response
The 78HT200 is a series of wide
input voltage, 3 terminal Integrated
Switching Regulators (ISRs). Employ-
ing a ceramic substrate, these ISRs
have a maximum output current of 2A.
The output voltage is laser trimmed
for high accuracy.
The 78HT200 series regulators
have internal short-circuit and over-
temperature protection and may be
used in a wide variety of applications.
78HT200
C2
+
Vout
GND
GND
Vin
C1
1
2
3
Specifications
Characteristics
78HT200 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
2.0
A
Input Voltage Range
Vin
Io = 0.1 to 2.0A
Vo < 4.6V
7
15
V
Vo > 4.6V
Vo +2V
28
V
Output Voltage Tolerance
∆Vo
Over Vin range, Io = 2.0A
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
±0.4
±0.8
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 2.0A
±0.2
±0.4
%Vo
Ripple/Noise
Vn
Vin = Vin min, Io = 2.0A
1
%Vo
Transient Response
ttr
50% load change
100
µSec
(with 100µF output cap)
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin = 9V, Io = 2.0A, Vo = 5V
82
%
Switching Frequency
ƒo
Over Vin and Io ranges Vo > 4.6V
700
750
800
kHz
Vo = 3.3V
0.95
1.0
1.05
MHz
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, (40-60LFM)
-40
+85**
°C
Temperature Range
Over Vin and Io ranges
Thermal Resistance
θja
Free Air Convection, (40-60LFM)
38
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—5
—G’s
20-2000 Hz, soldered in a PC board
Weight
7
Grams
* ISR will operate down to no load with reduced specifications.
** See Thermal Derating chart.
Note: The 78HT200 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
Revised 9/22/99


Similar Part No. - 78HT205SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78HT205SC TI-78HT205SC Datasheet
485Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT205SC TI1-78HT205SC Datasheet
501Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - 78HT205SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78HT200 TI-78HT200 Datasheet
485Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI-78ST200 Datasheet
199Kb / 3P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT200 TI-PT78HT200 Datasheet
216Kb / 3P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST233 TI-78ST233 Datasheet
216Kb / 1P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT205 TI1-PT78HT205 Datasheet
483Kb / 3P
2 Amp Positive Step-Down Integrated Switching Regulator
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
12V 2 Amp Positive Step-Down Integrated Switching Regulator
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
2 Amp Positive Step-Down Integrated Switching Regulator
78HT200 TI1-78HT200_09 Datasheet
501Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com