Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4053 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # HC4053
Description  Analog Multiplexer/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4053 Datasheet(HTML) 2 Page - System Logic Semiconductor

  HC4053 Datasheet HTML 1Page - System Logic Semiconductor HC4053 Datasheet HTML 2Page - System Logic Semiconductor HC4053 Datasheet HTML 3Page - System Logic Semiconductor HC4053 Datasheet HTML 4Page - System Logic Semiconductor HC4053 Datasheet HTML 5Page - System Logic Semiconductor HC4053 Datasheet HTML 6Page - System Logic Semiconductor HC4053 Datasheet HTML 7Page - System Logic Semiconductor HC4053 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SL74HC4053
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
(Referenced to VEE)
-0.5 to +7.0
-0.5 to +14.0
V
VEE
Negative DC Supply Voltage (Referenced to GND)
-7.0 to +0.5
V
VIS
Analog Input Voltage
VEE - 0.5 to VCC+0.5
V
VIN
Digital Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
I
DC Input Current Into or Out of Any Pin
±25
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive Supply Voltage (Referenced to GND)
(Referenced to VEE)
2.0
2.0
6.0
12.0
V
VEE
Negative DC Supply Voltage (Referenced to GND)
- 6.0
GND
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO
*
Static or Dynamic Voltage Across Switch
-
1.2
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Channel Select
or Enable Inputs)
VCC =2.0 V
VCC =4.5 V
VCC =6.0 V
0
0
0
1000
500
400
ns
* For voltage drops across the switch greater than 1.2 V (switch on), excessive V
CC current may be drawn;
i. e., the current out of the switch may contain both VCC and switch input components. The reliability of the
device will be unaffected unless the Maximum Ratings are exceeded.
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
indicated in the Recommended Operating Conditions..
Unused digital input pins must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused Analog I/O pins may be left open or terminated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com