Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC70 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button SC70 Datasheet HTML 4Page - Diodes Incorporated SC70 Datasheet HTML 5Page - Diodes Incorporated SC70 Datasheet HTML 6Page - Diodes Incorporated SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated SC70 Datasheet HTML 10Page - Diodes Incorporated SC70 Datasheet HTML 11Page - Diodes Incorporated SC70 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
8 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Application Information
The following show some typical application examples for the ZXRE160.
Figure 3. 15V Supply Monitor
Figure 3 shows a typical configuration for the ZXRE160 in comparator
mode.
Here the comparator switches low when:
(
)
2
2
1
FB
M
R
R
R
V
V
+
Alternative values of R1, R2 may be used to provide different threshold
voltages. R3 can also be adjusted to set the bias current for different
values of VM. R2 should be kept as low as possible to minimize errors
due to the bias current of the FB pin.
This circuit has no hysteresis, so a small capacitor of approx.4.7nF
between FB and GND is recommended to provide cleaner transitions at
the output.
In shunt regulator mode it is necessary to include the compensation capacitor C2 to guarantee stability. C2 may range in value from 0.1µF to
10µF depending on the application. The minimum value of C2 can be determined from the following equation (resistor values are in k
Ω):
()
μF
R
R
R
R
C2
2
1
3
2
MIN
+
Both C1 and C2 should be as close to the ZXRE160 as possible and connected to it with the shortest possible track. In the case of Figure 10 and
Figure 11, it means the opto-coupler will have to be carefully positioned to enable this.
REF
OUT
V
V
=
3
R
OUT
IN
I
V
V
3
R
=
Figure 4. 0.6V Shunt Regulator
⎛ +
=
2
R
1
R
1
V
V
REF
OUT
3
R
OUT
IN
I
V
V
3
R
=
Figure 5. 1.0V Shunt Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com