Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292IPFPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 25Page - Texas Instruments ADS5292IPFPR Datasheet HTML 26Page - Texas Instruments ADS5292IPFPR Datasheet HTML 27Page - Texas Instruments ADS5292IPFPR Datasheet HTML 28Page - Texas Instruments ADS5292IPFPR Datasheet HTML 29Page - Texas Instruments ADS5292IPFPR Datasheet HTML 30Page - Texas Instruments ADS5292IPFPR Datasheet HTML 31Page - Texas Instruments ADS5292IPFPR Datasheet HTML 32Page - Texas Instruments ADS5292IPFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
DEFAULT STATES AFTER RESET
•
Device is in normal operation mode with 12-bit ADC enabled for all channels.
•
Output interface is 1-wire, 12× serialization with 6×bit clock and 1×frame clock frequency
•
Serial readout is disabled
•
PDN pin is configured as global power-down pin
•
Digital gain is set to 0 dB.
•
Digital modes such as LFNS, digital filters, and so on, are disabled.
Register Map
Table 3. Summary of Functions Supported by Serial Interface (1)(2)(3)(4)
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
(HEX)
1: Self-clearing software RESET; . After reset, this bit is set to 0
00
X
RST
0: Normal operation.
X
EN_READOUT
1: READOUT of registers mode;0: Normal operation
01
0 – Disable access to register at address 0xF0
X
EN_HIGH_ADDRS
1 – Enable access to register at address 0xF0
1:Enable SYNC feature to synchronize the test patterns;
0: SYNC feature is disabled for the test patterns.
02
X
EN_SYNC
Note: this bit needs to be set as 1 when software or hardware test
pattern SYNC feature is used. see Reg.0x25[8] and 0x25[15].
0A
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RAMP_PAT_RESET_VAL
Ramp pattern reset value
1:Channel-specific ADC power-down mode;
X
X
X
X
X
X
X
X
PDN_CH<8:1>
0: Normal operation
1:Partial power-down mode - fast recovery from power-down;
X
PDN_PARTIAL
0: Normal operation
0F
1:Register mode for complete power-down - slower recovery;
X
PDN_COMPLETE
0: Normal operation
1:Configures PD pin for partial power-down mode;
X
PDN_PIN_CFG
0:Configures PD pin for complete power-down mode
1: Channel-specific low frequency noise suppression mode enable;
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
0: LFNS disabled
1: Enables output frame clock to be programmed through a pattern;
X
EN_FRAME_PAT
0: Normal operation on frame clock
1C
X
X
X
X
X
X
X
X
X
X
X
X
X
X
ADCLKOUT<13:0>
14-bit pattern for frame clock on ADCLKP/ADCLKN pins
23
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PRBS_SEED<15:0>
PRBS pattern starting seed value lower 16 bits
1: Swaps the polarity of the analog input pins electrically;
X
X
X
X
X
X
X
X
INVERT_CH<8:1>
0: Normal configuration
24
X
X
X
X
X
X
X
PRBS_SEED<22:16>
PRBS seed starting value upper 7 bits
(1)
The unused bits in each register (identified as blank table cells) must be programmed as '0'.
(2)
X = Register bit referenced by the corresponding name and description
(3)
Bits marked as '0' should be forced to 0, and bits marked as '1' should be forced to 1 when the particular register is programmed.
(4)
Multiple functions in a register can be programmed in a single write operation.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com