Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32MDREP
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32MDREP Datasheet(HTML) 1 Page - Texas Instruments

  AM26C32MDREP Datasheet HTML 1Page - Texas Instruments AM26C32MDREP Datasheet HTML 2Page - Texas Instruments AM26C32MDREP Datasheet HTML 3Page - Texas Instruments AM26C32MDREP Datasheet HTML 4Page - Texas Instruments AM26C32MDREP Datasheet HTML 5Page - Texas Instruments AM26C32MDREP Datasheet HTML 6Page - Texas Instruments AM26C32MDREP Datasheet HTML 7Page - Texas Instruments AM26C32MDREP Datasheet HTML 8Page - Texas Instruments AM26C32MDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FEATURES
AM26C32...DPACKAGE
DESCRIPTION/ORDERING INFORMATION
AM26C32-EP
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS870 – NOVEMBER 2007
www.ti.com
• Low Power, I
CC = 10 mA Typ
• Controlled Baseline
• ±7 V Common-Mode Range With ±200 mV
Sensitivity
–
One Assembly
• Input Hysteresis . . . 60 mV Typ
–
One Test Site
• t
pd = 17 ns Typ
–
One Fabrication Site
• Operates From a Single 5 V Supply
• Extended Temperature Performance of
–55
°C to 125°C
• 3-State Outputs
• Enhanced Diminishing Manufacturing Sources
• Input Fail-Safe Circuitry
(DMS) Support
• Improved Replacements for AM26LS32
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Meets or Exceeds the Requirements of ANSI
TIA/EIA-422-B, TIA/EIA-423-B, and ITU
Recommendation V.10 and V.11
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The AM26C32 is a quadruple differential line receiver for balanced or unbalanced digital data transmission. The
enable function is common to all four receivers and offers a choice of active-high or active-low input. The 3-state
outputs permit connection directly to a bus-organized system. Fail-safe design specifies that if the inputs are
open, the outputs always are high.
The AM26C32 devices are manufactured using a BiCMOS process, which is a combination of bipolar and CMOS
transistors. This process provides the high voltage and current of bipolar with the low power of CMOS to reduce
the power consumption to about one-fifth that of the standard AM26LS32, while maintaining ac and dc
performance.
The AM26C32 is characterized for operation over the extended temperature range of –55
°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOIC – D
Reel of 2500
AM26C32MDREP
26C32EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - AM26C32MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32MDREP TI1-AM26C32MDREP Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32MDREP TI2-AM26C32MDREP Datasheet
267Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
NOVEMBER 2007
AM26C32MDREP.A TI2-AM26C32MDREP.A Datasheet
267Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
NOVEMBER 2007
More results

Similar Description - AM26C32MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com