Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1802 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 92Page - Texas Instruments AM1802 Datasheet HTML 93Page - Texas Instruments AM1802 Datasheet HTML 94Page - Texas Instruments AM1802 Datasheet HTML 95Page - Texas Instruments AM1802 Datasheet HTML 96Page - Texas Instruments AM1802 Datasheet HTML 97Page - Texas Instruments AM1802 Datasheet HTML 98Page - Texas Instruments AM1802 Datasheet HTML 99Page - Texas Instruments AM1802 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 180 page
background image
A1
A1
E0
T
E1
T
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Figure 5-22 shows the topology and routing for the DQS and D net class; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
Figure 5-22. DQS and D Routing and Topology
Table 5-35. DQS and D Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center to center DQS to other DDR2/mDDR trace spacing(1)
4w(2)
2
DQS/D nominal trace length(3)(4)
DQLM-50
DQLM
DQLM+50
Mils
3
D to DQS Skew Length Mismatch(4)
100
Mils
4
D to D Skew Length Mismatch(4)
100
Mils
5
Center to center D to other DDR2/mDDR trace spacing(1)(5)
4w(2)
6
Center to Center D to other D trace spacing(1)(6)
3w(2)
(1)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2)
w = PCB trace width as defined in Table 5-27.
(3)
Series terminator, if used, should be located closest to DDR.
(4)
There is no need and it is not recommended to skew match across data bytes, i.e., from DQS0 and data byte 0 to DQS1 and data byte
1.
(5)
D's from other DQS domains are considered other DDR2/mDDR trace.
(6)
DQLM is the longest Manhattan distance of each of the DQS and D net class.
96
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com