Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT05QM96Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74ACT05QM96Q1
Description  HEX INVERTER WITH OPEN-DRAIN OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT05QM96Q1 Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT05QM96Q1 Datasheet HTML 1Page - Texas Instruments CD74ACT05QM96Q1 Datasheet HTML 2Page - Texas Instruments CD74ACT05QM96Q1 Datasheet HTML 3Page - Texas Instruments CD74ACT05QM96Q1 Datasheet HTML 4Page - Texas Instruments CD74ACT05QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74ACT05QM96Q1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CD74ACT05-Q1
HEX INVERTER
WITH OPEN-DRAIN OUTPUTS
SCHS350A − JANUARY 2004 − REVISED JANUARY 2008
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD
A
0.18
Unit load is
∆ICC limit specified
in
electrical
characteristics
table (e.g., 2.4 mA at 25
°C).
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
−40
°C TO
125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
tPZL
AorB
Y
2.3
9.3
ns
tPLZ
A or B
Y
2.7
10.8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
105
pF
PARAMETER MEASUREMENT INFORMATION
tPZL
tPLZ
3 V
0 V
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
1.5 V
1.5 V
Output
VOL
≈VCC
50% VCC
20% VCC
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
R1 = 500
Ω
R2 = 500
Ω
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com