Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT861AM Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT861AM
Description  BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT861AM Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT861AM Datasheet HTML 1Page - Texas Instruments CD74FCT861AM Datasheet HTML 2Page - Texas Instruments CD74FCT861AM Datasheet HTML 3Page - Texas Instruments CD74FCT861AM Datasheet HTML 4Page - Texas Instruments CD74FCT861AM Datasheet HTML 5Page - Texas Instruments CD74FCT861AM Datasheet HTML 6Page - Texas Instruments CD74FCT861AM Datasheet HTML 7Page - Texas Instruments CD74FCT861AM Datasheet HTML 8Page - Texas Instruments CD74FCT861AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS268
Features
• Buffered Inputs
• Typical Propagation Delay: 6.0ns at VCC = 5V,
TA = 25
oC, C
L = 50pF
• CD74FCT861A
- Noninverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 48mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Pinout
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT861AM
0 to 70
24 Ld SOIC
M24.3
NOTE: When ordering the suffix M package, use the entire part
number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT861A
(SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
B1
B3
B4
B6
B8
B9
OEAB
B0
B5
B7
B2
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1996
CD74FCT861A
BiCMOS FCT Interface Logic,
10-Bit Bus Transceiver, Three-State
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology
File Number
2392.2


Similar Part No. - CD74FCT861AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
CD74FCT863AM TI1-CD74FCT863AM Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results

Similar Description - CD74FCT861AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT823A TI-CD74FCT823A Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com