Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2351MDBREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2351MDBREP
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2351MDBREP Datasheet(HTML) 3 Page - Texas Instruments

  CDC2351MDBREP Datasheet HTML 1Page - Texas Instruments CDC2351MDBREP Datasheet HTML 2Page - Texas Instruments CDC2351MDBREP Datasheet HTML 3Page - Texas Instruments CDC2351MDBREP Datasheet HTML 4Page - Texas Instruments CDC2351MDBREP Datasheet HTML 5Page - Texas Instruments CDC2351MDBREP Datasheet HTML 6Page - Texas Instruments CDC2351MDBREP Datasheet HTML 7Page - Texas Instruments CDC2351MDBREP Datasheet HTML 8Page - Texas Instruments CDC2351MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDC2351EP
1LINE TO 10LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SGLS248A − JUNE 2004 − REVISED AUGUST 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state,
VO (see Note 1)
−0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
24 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DB package
0.65 W
. . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, see the Package Thermal Considerations application note in the 1994 ABT Advanced BiCMOS Technology
Data Book, literature number SCBD002.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
−12
mA
IOL
Low-level output current
12
mA
fclock
Input clock frequency
100
MHz
TA
Operating free-air temperature
CDC2351M
−55
125
°C
NOTE 3: Unused pins (input or I/O) must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
VOH
VCC = 3 V,
IOH = − 12 mA
2
V
VOL
VCC = 3 V,
IOL = 12 mA
0.8
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
IO‡
VCC = 3.6 V,
VO = 2.5 V
−7
−70
mA
IOZ
VCC = 3.6 V,
VCC = 3 V or 0
±10
µA
Outputs high
0.3
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs low
15
mA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs disabled
0.3
mA
Ci
VI = VCC or GND,
VCC = 3.3 V,
f = 10 MHz
4
pF
Co
VO = VCC or GND, VCC = 3.3 V,
f = 10 MHz
6
pF
‡ Not more than one output should be tested at a time and the duration of the test should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com