Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE421ARGET Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 15Page - Texas Instruments CDCE421ARGET Datasheet HTML 16Page - Texas Instruments CDCE421ARGET Datasheet HTML 17Page - Texas Instruments CDCE421ARGET Datasheet HTML 18Page - Texas Instruments CDCE421ARGET Datasheet HTML 19Page - Texas Instruments CDCE421ARGET Datasheet HTML 20Page - Texas Instruments CDCE421ARGET Datasheet HTML 21Page - Texas Instruments CDCE421ARGET Datasheet HTML 22Page - Texas Instruments CDCE421ARGET Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Appendix C: Application Information
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
CDCE421 User Information
The CDCE421A includes several device enhancements to the CDCE421.
• Device Startup
The CDCE421A includes an improved device startup circuit that enables the CDCE421A to be used in
stand-alone applications (for example, configurations in which the device is not connected to a host system).
This design operates over various power-supply ramp time scenarios. For proper operation of the startup
circuit, certain register bits must be programmed as specified in Table 15.
Table 15. CDCE421 vs. CDCE421A Register Settings
CDCE421A
DATA SHEET
REGISTER LOCATION
CDCE421
CDCE421A
REFERENCE
TITEST1 (must always
Word 0, Bit 10
Loop filter bias select
Table 7
be written '1')
TITEST2 (must always
Word 3, Bit 10
Not used
Table 10
be written '0')
space
• LVDS Output Buffer
The CDCE421A incorporates an improved LVDS output buffer. Therefore, the electrical characteristics of the
LVDS output buffer on the CDCE421A are different from those of the CDCE421. Refer to the Electrical
Characteristics table for the details of the CDCE421A LVDS output buffer.
• Product Revision Identification
For the product revision identifier bits (bits [2:0]), the value presented by the CDCE421A is '000'. See Table 6
for more details.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com