Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT04 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HCT04
Description  Hex Inverter(High-Performance Silicon-Gate CMOS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HCT04 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HCT04 Datasheet HTML 1Page - System Logic Semiconductor HCT04 Datasheet HTML 2Page - System Logic Semiconductor HCT04 Datasheet HTML 3Page - System Logic Semiconductor HCT04 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL74HCT04
System Logic
Semiconductor
SLS
Hex Inverter
High-Performance Silicon-Gate CMOS
The SL74HCT04 may be used as a level converter for interfacing
TTL or NMOS outputs to High-Speed CMOS inputs.
The SL74HCT04 is identical in pinout to the LS/ALS04.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT04N Plastic
SL74HCT04D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
L
H
H
L


Similar Part No. - HCT04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT00 TI-HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Kontron
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
749Kb / 4P
COM HPC/Client module size A with 12th Generation
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
530Kb / 4P
COM HPC/Client module size A
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
459Kb / 4P
COM-HPC Client Size C module based on the 12th
logo
Texas Instruments
HCT02 TI-HCT02 Datasheet
328Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - HCT04

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC04 SLS-SL74HC04 Datasheet
33Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
SL74HCT14 SLS-SL74HCT14 Datasheet
33Kb / 4P
Hex Schmitt-Trigger Inverter(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HC14A INTEGRAL-IN74HC14A Datasheet
71Kb / 4P
Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC14A MOTOROLA-MC54HC14A Datasheet
180Kb / 8P
HEX Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT14A KODENSHI-KK74HCT14A Datasheet
436Kb / 5P
Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com