| Electronic Components Datasheet Search |
|
LT1236LS8 Datasheet(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1236LS8 Datasheet(HTML) 16 Page - Linear Technology |
|
16 / 16 page ![]() LT1236LS8 16 1236ls8f LinearTechnology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com LINEAR TECHNOLOGY CORPORATION 2012 LT 0812 • PRINTED IN USA relaTeD parTs Typical applicaTion PART NUMBER DESCRIPTION COMMENTS LT1021 Precision References for Series or Shunt Operation in Hermetic TO-5, SOP-8, DIP-8 Package 0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise (0.1Hz to 10Hz), –55°C to 125°C (TO-5) LT1236S8/ LT1236N8 Low Drift, Low Noise, 5V and 10V Voltage Reference in SO8, and DIP8 Package 0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise (0.1Hz to 10Hz), –40°C to 85°C LTC6652LS8 High Precision, Buffered Voltage Reference Family in 5mm × 5mm Hermetic QFN Package 0.05% Max Initial Error, 5ppm/°C Max Drift, Shutdown Current <2µA, –40°C to 125°C Operation LT6654LS8 Precision, Low Noise, High Output Drive Voltage Reference Family in 5mm × 5mm Hermetic QFN Package 1.6ppm Peak-to-Peak Noise (0.1Hz to 10Hz, Sink/Source ±10mA, 5ppm/°C Max Drift, –40°C to 125°C Operation Measure DC to Daylight Using the LTC2408 and LT1236LS8 1236sl8 TA11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 9 10 11 12 13 14 15 17 8-CHANNEL MUX GND 1, 5, 6, 16, 18, 22, 27, 28 MPU SERIAL DATA LINK MICROWIRE AND SPI COMPATABLE LT1236LS8 23 20 19, 25 21 24 CSADC CSMUX CLK DIN SDO 26 FO 24-BIT ∆∑ ADC LTC2408 ADCIN MUXOUT 7 4 3 2, 8 1µF 5V VREF VCC – + + 4 2 6 0V TO 5V 100µF INTERNAL OSC SELECTED FOR 60Hz REJECTION + 10µF 8V 5V REF ELECTROMETER INPUT (pH, PIEZO) 5V GUARD RING DC VOLTMETER INPUT 1mV TO 1000V –5V R3, 10k 5V MAX C1, 0.1µF LT1793 3 2 6 4 7 – + 5V –5V LTC1050 2 3 6 7 4 R4 1k R9 1k 1% R7 10k, 0.1% R5 5k, 1% R8 100, 5% 3-WIRE R-PACK R6 10k, 0.1% IN914 IN914 1µF AC INPUT 60Hz 60Hz–RF RF POWER R1 900k 0.1%, 1W, 1000 WVDC R2 4.7k 0.1% 50 R13 5k 0.1% 5V DAYLIGHT HAMAMATSU PHOTODIODE S1336-5BK 100 Pt RTD (3-WIRE) RT FORCE SENSE INFRARED INFRARED THERMOCOUPLE OMEGA 0S36-01 VREF 5V 50 LOAD BONDED TO RTD ON INSULATED MOUNTING R11 24.9k, 0.1% J1 J2 J3 VREF 5V THERMISTOR 10k NTC LOCAL TEMP R12 24.9k, 0.1% R10 5k 1% –60mV TO 4V 2.7V AT 0°C 0.9V AT 40°C –2.2mV to 16mV 0V to 4V 20mV TO 80mV <1mV OUT IN GND |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |