Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP2102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP2102
Description  Four LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments CDCLVP2102 Datasheet HTML 12Page - Texas Instruments CDCLVP2102 Datasheet HTML 13Page - Texas Instruments CDCLVP2102 Datasheet HTML 14Page - Texas Instruments CDCLVP2102 Datasheet HTML 15Page - Texas Instruments CDCLVP2102 Datasheet HTML 16Page - Texas Instruments CDCLVP2102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CDCLVP2102
LVPECL
150 W
150 W
50 W
50 W
V
BB
(a)OutputDCTermination
(b)OutputACTermination
CDCLVP2102
LVPECL
130 W
82 W
130 W
82 W
V
CC
V
CC
LVCMOS
CDCLVP2102
R
S
V
+V
IH
IL
2
V
=
th
V
IH
V
th
V
IL
CDCLVP2102
www.ti.com
SCAS881B
– AUGUST 2009 – REVISED AUGUST 2011
Figure 15. LVPECL Output DC and AC Termination for VCC = 3.3 V
Input Termination
The CDCLVP2102 inputs can be interfaced with LVPECL, LVDS, or LVCMOS drivers. Figure 16 illustrates how
to dc couple an LVCMOS input to the CDCLVP2102. The series resistance (RS) should be placed close to the
LVCMOS driver; its value is calculated as the difference between the transmission line impedance and the driver
output impedance.
Figure 16. DC-Coupled LVCMOS Input to CDCLVP2102
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com