Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629 Datasheet(PDF) 9 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD629
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD629 Datasheet(HTML) 9 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD629 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8275
Rev. A | Page 9 of 16
40
35
30
25
20
15
10
5
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
+SR
–SR
Figure 23. Slew Rate vs. Temperature
1µs/DIV
CLOAD = 47pF
600
Ω
2k
Ω
10k
Ω
NO LOAD
Figure 24. Small Signal Step Response for Various Resistive Loads
(Step Responses Staggered for Clarity)
1µs/DIV
NO RESISTIVE LOAD
20pF
47pF
NO CAP
100pF
Figure 25. Small Signal Pulse Response for Various Capacitive Loads
(Step Responses Staggered for Clarity)
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
3.3V
5V
Figure 26. Small Signal Overshoot vs. Capacitive Load,
No Resistive Load
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
3.3V
5V
Figure 27. Small Signal Overshoot vs. Capacitive Load,
600 Ω in Parallel with Capacitive Load
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
CAPACITANCE (pF)
3.3V
5V
Figure 28. Small Signal Overshoot vs. Capacitive Load,
2 kΩ in Parallel with Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com