Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HCT163 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT163
Description  Presettable Counters(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT163 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT163 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 5Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 6Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 7Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 8Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL74HCT163
System Logic
Semiconductor
SLS
Presettable Counters
High-Performance Silicon-Gate CMOS
The SL74HCT163 is identical in pinout to the LS/ALS163. The
SL74HCT163 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The SL74HCT163 is programmable 4-bit synchronous counter that
feature parallel Load, synchronous Reset, a Carry Output for cascading
and count-enable controls.
The SL74HCT163 is binary counter with synchronous Reset.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT163N Plastic
SL74HCT163D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
Reset
Load
Enable
P
Enable
T
Clock
Q0
Q1
Q2
Q3
Function
L
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
P0
P1
P2
P3
Preset Data
H
H
X
L
No change
No count
H
H
L
X
No change
No count
H
H
H
H
Count up
Count
X
X
X
X
No change
No count
X=don’t care
P0,P1,P2,P3 = logic level of Data inputs
Ripple Carry Out = Enable T
• Q0 • Q1 • Q2 • Q3
PIN ASSIGNMENT


Similar Part No. - SL74HCT163

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT10 SLS-SL74HCT10 Datasheet
33Kb / 4P
Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT10D SLS-SL74HCT10D Datasheet
33Kb / 4P
Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT10N SLS-SL74HCT10N Datasheet
33Kb / 4P
Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT125D SLS-SL74HCT125D Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT163

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
Presettable Counters High-Performance Silicon-Gate CMOS
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
Presettable Counters High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC161A IKSEMICON-IN74HC161A Datasheet
290Kb / 10P
Presettable Counters High-Performance Silicon-Gate CMOS
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
Presettable Counters High-Performance Silicon-Gate CMOS
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
Presettable Counters High-Performance Silicon-Gate CMOS
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
Presettable Counters High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com