Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6945 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 15Page - Linear Technology LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology LTC6945 Datasheet HTML 20Page - Linear Technology LTC6945 Datasheet HTML 21Page - Linear Technology LTC6945 Datasheet HTML 22Page - Linear Technology LTC6945 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
2270f
LTC2270
CONVERTER OPERATION
The LTC2270 is a low power, two-channel, 16-bit, 20Msps
A/D converter that is powered by a single 1.8V supply. The
analog inputs must be driven differentially. The encode
input can be driven differentially, or single ended for lower
power consumption. The digital outputs can be CMOS,
double data rate CMOS (to halve the number of output
lines), or double data rate LVDS (to reduce digital noise
in the system.) Many additional features can be chosen
by programming the mode control registers through a
serial SPI port.
ANALOG INPUT
The analog inputs are differential CMOS sample-and-hold
circuits (Figure 2). The inputs should be driven differen-
tially around a common mode voltage set by the VCM1 or
VCM2 output pins, which are nominally VDD/2. For the 2.1V
input range, the inputs should swing from VCM – 525mV
to VCM + 525mV. There should be 180° phase difference
between the inputs.
The two channels are simultaneously sampled by a shared
encode circuit (Figure 2).
INPUT DRIVE CIRCUITS
Input filtering
If possible, there should be an RC lowpass filter right at
the analog inputs. This lowpass filter isolates the drive
circuitry from the A/D sample-and-hold switching, and
also limits wideband noise from the drive circuitry. Figure 3
shows an example of an input RC filter. The RC component
values should be chosen based on the application’s input
frequency.
Transformer Coupled Circuits
Figure 3 shows the analog input being driven by an RF
transformer with a center-tapped secondary. The center
tap is biased with VCM, setting the A/D input at its optimal
DC level. At higher input frequencies a transmission line
balun transformer (Figure 4 to Figure 5) has better balance,
resulting in lower A/D distortion.
CSAMPLE
17pF
RON
24Ω
RON
24Ω
VDD
VDD
LTC2270
AIN
+
2270 F02
CSAMPLE
17pF
VDD
AIN
–
ENC–
ENC+
1.2V
10k
1.2V
10k
CPARASITIC
1.8pF
CPARASITIC
1.8pF
10Ω
10Ω
25Ω
25Ω
25Ω
25Ω
50Ω
0.1μF
AIN
+
AIN
–
12pF
1μF
VCM
LTC2270
ANALOG
INPUT
0.1μF
T1
1:1
T1: MA/COM MABAES0060
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2270 F03
Figure 2. Equivalent Input Circuit. Only One of the Two
Analog Channels Is Shown
Figure 3. Analog Input Circuit Using a Transformer.
Recommended for Input Frequencies from 1MHz to 40MHz
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com