Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4274C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4274C
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274C Datasheet(HTML) 1 Page - Linear Technology

  LTC4274C Datasheet HTML 1Page - Linear Technology LTC4274C Datasheet HTML 2Page - Linear Technology LTC4274C Datasheet HTML 3Page - Linear Technology LTC4274C Datasheet HTML 4Page - Linear Technology LTC4274C Datasheet HTML 5Page - Linear Technology LTC4274C Datasheet HTML 6Page - Linear Technology LTC4274C Datasheet HTML 7Page - Linear Technology LTC4274C Datasheet HTML 8Page - Linear Technology LTC4274C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC4266A/LTC4266C
1
4266acfc
n LTPoE++ PSE Switches/Routers
n LTPoE++ PSE Midspans
n IEEE 802.3at Type 1 PSE Switches/Routers
n IEEE 802.3at Type 1 PSE Midspans
APPLICATIONS
FEATURES
DESCRIPTION
Quad PoE/PoE+/LTPoE++
PSE Controller
The LTC®4266A is a quad power sourcing equipment (PSE)
controller capable of delivering up to 90W of LTPoE++
power to a compatible LTPoE++ powered device (PD). A
proprietary detection/classification scheme allows mutual
identification between a LTPoE++ PSE and LTPoE++ PD
while remaining compatible and interoperable with existing
Type 1 (13W) and Type 2 (25.5W) PDs. The LTC4266A
feature set is a superset of the popular LTC4266. These
PSE controllers feature low RON external MOSFETs and
0.25Ω sense resistors which are especially important at
the LTPoE++ current levels to maintain the lowest possible
heat dissipation.
The LTC4266C targets fully automatic PSE systems power-
ing Type 1 (up to 13W) PDs.
Advanced power management features include: 14-bit
current monitoring ADCs, DAC-programmable current
limit, and versatile quick shutdown of preselected ports.
Advanced power management host software is available
under a no-cost license. PD discovery uses a proprietary
dual-mode 4-point detection mechanism ensuring excellent
immunity from false PD detection. The LTC4266 includes
an I2C serial interface operable up to 1MHz.
The LTC4266 is available in multiple power grades al-
lowing delivered PD power of 13W, 25W, 38.7W, 52.7W,
70W and 90W. These controllers are available in a 38-lead
5mm × 7mm QFN package.
n Four Independent PSE Channels
n Compliant with IEEE 802.3at Type 1 and 2
n Low Power Dissipation
0.25Ω Sense Resistance Per Channel
n Very High Reliability 4-Point PD Detection
2-Point Forced Voltage
2-Point Forced Current
n High Capacitance Legacy Device Detection
n 1MHz I2C Compatible Serial Control Interface
n Midspan Backoff Timer
n Supports 2-Pair and 4-Pair Output Power
n Available in Multiple Power Grades
LTC4266A-1: LTPoE++™ 38.7W
LTC4266A-2: LTPoE++ 52.7W
LTC4266A-3: LTPoE++ 70W
LTC4266A-4: LTPoE++ 90W
LTC4266C: PoE 13W
n Available in 38-Lead 5mm × 7mm QFN Package
TYPICAL APPLICATION
Complete 4-Port Ethernet High Power Source
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
LTPoE++ and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
4266 TA01
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
AGND VEE SENSE1
–50V
1μF
SMAJ58A
GATE1 OUT1
OUT2
OUT3
SENSE2 GATE2
SENSE3 GATE3
SENSE4 GATE4 OUT4
PORT1
–50V
0.22μF 100V
4
S1B
4
S1B
4
PORT2
PORT3
PORT4
DGND
VDD
INT
SHDN1 SHDN2
AUTO
MSD
RESET
SHDN3 SHDN4
MID
0.1μF
3.3V
LTC4266


Similar Part No. - LTC4274C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274C LINER-LTC4274C Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
More results

Similar Description - LTC4274C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com