Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4290 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4290
Description  8-Port PoE/PoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4290 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4290 Datasheet HTML 10Page - Linear Technology LTC4290 Datasheet HTML 11Page - Linear Technology LTC4290 Datasheet HTML 12Page - Linear Technology LTC4290 Datasheet HTML 13Page - Linear Technology LTC4290 Datasheet HTML 14Page - Linear Technology LTC4290 Datasheet HTML 15Page - Linear Technology LTC4290 Datasheet HTML 16Page - Linear Technology LTC4290 Datasheet HTML 17Page - Linear Technology LTC4290 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4290/LTC4271
14
429071f
PIN FUNCTIONS
LTC4290
VEE (Pins 1, 30, 33, 40): Main PoE Supply Input. Con-
nect to a –45V to –57V supply, relative to AGND. Voltage
depends on PSE type (Type 1 or Type 2).
GATEn (Pins 2, 4, 7, 9, 22, 24, 27, 29): Port n Gate Drive.
GATEn should be connected to the gate of the external
MOSFET for port n. When the MOSFET is turned on, the
gate voltage is driven to 12V (typ) above VEE. During a
current limit condition, the voltage at GATEn will be re-
duced to maintain constant current through the external
MOSFET. If the fault timer expires, GATEn is pulled down,
turning the MOSFET off and recording a port fault event.
If the port is unused, float the GATEn pin.
OUTn (Pins 3, 5, 8, 10, 21, 23, 26, 28): Port n Output
Voltage Monitor. OUTn should be connected to the output
port. A current limit foldback circuit limits the power dis-
sipation in the external MOSFET by reducing the current
limit threshold when the drain-to-source voltage exceeds
10V. The port n Power Good bit is set when the voltage
from OUTn to VEE drops below 2.4V (typ). A 500k resistor
is connected internally from OUTn to AGND when the port
is idle. If the port is unused, the OUTn pin must be floated.
CAP2 (Pin 6): Analog Internal 4.3V Power Supply Bypass
Capacitor. Connect 0.1µF ceramic cap to VEE.
XIO0(Pin11):GeneralPurposeDigitalInputOutput.Logic
signal between VEE and VEE + 4.3V. Internal pull up.
SENSEn (Pins 12, 13, 14, 15, 16, 17, 18, 19): Port n
Current Sense Input. SENSEn monitors the external MOS-
FET current via a 0.5Ω or 0.25Ω sense resistor between
SENSEn and VEE. Whenever the voltage across the sense
resistorexceedstheovercurrentdetectionthresholdVCUT,
the current limit fault timer counts up. If the voltage across
thesenseresistorreachesthecurrentlimitthresholdVLIM,
the GATEn pin voltage is lowered to maintain constant cur-
rent in the external MOSFET. See Applications Information
for further details. If the port is unused, the SENSEn pin
must be tied to VEE.
XIO1(Pin20):GeneralPurposeDigitalInputOutput.Logic
signal between VEE and VEE + 4.3V. Internal pull up.
AGND (Pin 25): Analog Ground. Connect AGND to the
return for the VEE supply.
DNA (Pin 36): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 37): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 38): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 39): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.
VSSK (Exposed Pad Pin 41): Kelvin Sense to VEE.Connect
to sense resistor common node. Do not connect directly
to VEE plane. See Layout Guide.
Common Pins
NC, DNC (LTC4271 Pins 7,13; LTC4290 Pins 31, 32, 34,
35): All pins identified with “NC” or “DNC” must be left
unconnected.
LTC4271
AD0(Pin1):AddressBit0.Tietheaddresspinshighorlow
to set the starting I2C serial address to which the LTC4271
responds. The chip will respond to this address plus the
next two incremental addresses. The base address of the
first four ports will be (A610A3A2A1A0)b. The second and
third groups of four ports will respond at the next two
logical addresses. Internally pulled up to VDD.
AD1 (Pin 2): Address Bit 1. See AD0.
AD2 (Pin 3): Address Bit 2. See AD0.
AD3 (Pin 4): Address Bit 3. See AD0.
AD6 (Pin 5): Address Bit 6. See AD0.
MID(Pin6):MidspanModeInput.Whenhigh,theLTC4271
acts as a midspan device. Internally pulled down to DGND.
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com