Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8652FCR1 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA8652FCR1
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FCR1 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA8652FCR1 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8652FCR1 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
39
6.8.2
0x11 Portrait/Landscape Configuration register
The Portrait/Landscape Configuration register enables the portrait/landscape function and sets the behavior of the debounce
counter.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
PL_EN
—
—
—
—
—
—
Figure 31. 0x11 PL_CFG register (Read/Write)
Table 26. PL_CFG register
Bit(s)
Field
Description
7DBCNTM
Debounce counter mode selection
0 Decrements debounce whenever the condition of interest is no longer valid.
1 Clears the counter whenever the condition of interest is no longer valid. (default)
6
PL_EN
Portrait/Landscape detection enable
0 Portrait/Landscape Detection is disabled. (default)
1 Portrait/Landscape Detection is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com