Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162374ATPACT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74FCT162374ATPACT
Description  16-Bit Registers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162374ATPACT Datasheet(HTML) 4 Page - Texas Instruments

  74FCT162374ATPACT Datasheet HTML 1Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 2Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 3Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 4Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 5Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 6Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 7Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 8Page - Texas Instruments 74FCT162374ATPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY74FCT16374T
CY74FCT162374T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16374T
CY74FCT162374T
CY74FCT16374AT
CY74FCT162374AT
Fig.
No.[13]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
CLK to O
2.0
10.0
2.0
6.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
6.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
8.0
1.5
5.5
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW,
D to CLK
2.0
2.0
ns
4
tH
Hold Time HIGH or LOW,
D to CLK
1.5
1.5
ns
4
tW
CLK Pulse Width
HIGH or LOW
5.0
5.0
ns
5
tSK(O)
Output Skew[14]
0.5
0.5
ns
CY74FCT16374CT
CY74FCT162374CT
Fig.
No.[13]
Parameter
Description
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
CLK to O
2.0
5.2
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.0
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW,
D to CLK
2.0
ns
4
tH
Hold Time HIGH or LOW,
D to CLK
1.5
ns
4
tW
CLK Pulse Width
HIGH or LOW
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com