Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS05 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # 74LS05
Description  Hex Inverters with Open-Drain Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LS05 Datasheet(HTML) 3 Page - System Logic Semiconductor

  74LS05 Datasheet HTML 1Page - System Logic Semiconductor 74LS05 Datasheet HTML 2Page - System Logic Semiconductor 74LS05 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SL74LS05
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (V
CC = 5.0 V, CL = 15 pF, TA=25
°C, R
L = 2 k
Ω, t
r =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay Time
32
ns
tPHL
Propagation Delay Time
28
ns
Figure 1. Switching Waveforms
NOTE A. CL includes probe and jig capacitance.
Figure 2. Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com