Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS212 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS212 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS212 Datasheet HTML 1Page - Texas Instruments HD3SS212 Datasheet HTML 2Page - Texas Instruments HD3SS212 Datasheet HTML 3Page - Texas Instruments HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dx_SEL
HPDA
HPDB
VDD
OE
GND
AUXA (p)
AUXA (n)
AUXB (p)
AUXB (n)
DAz (p)
DAz (n)
DBz (p)
DBz (n)
SEL
SEL
SEL
HD3SS212
SEL = 0
SEL = 1
4
4
4
4
4
4
(z = 0,1, 2or3)
HPDC
DCz (p)
DCz (n)
AUXC (p)
AUXC (n)
SEL = 1
SEL = 0
SEL = 1
SEL = 0
125kW
HD3SS212
SLAS822 A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE
HD3SS212ZQER
HD3SS212
48-Ball u*BGA (ZQE)
HD3SS212ZQET
Figure 2. HD3SS212 Functional Block Diagram
2
Copyright © 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com