Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128-HT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA128-HT Datasheet HTML 9Page - Texas Instruments INA128-HT Datasheet HTML 10Page - Texas Instruments INA128-HT Datasheet HTML 11Page - Texas Instruments INA128-HT Datasheet HTML 12Page - Texas Instruments INA128-HT Datasheet HTML 13Page - Texas Instruments INA128-HT Datasheet HTML 14Page - Texas Instruments INA128-HT Datasheet HTML 15Page - Texas Instruments INA128-HT Datasheet HTML 16Page - Texas Instruments INA128-HT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Frequency (Hz)
30
25
20
15
10
5
0
1k
G = 1
G =10, 100
G = 1000
10k
100k
1M
0
2
4
6
8
10
12
14
16
18
-50
-25
0
25
50
75
100
125
190
210
Temperature (°C)
-I
SC
+I
SC
(V-)+1.2
(V-)
(V+)
0
1
2
3
4
Output Current (mA)
(V+)-0.4
(V+)-0.8
(V+)-1.2
(V-)+0.8
(V-)+0.4
(V-)+1.2
(V-)
(V+)
(V+)-0.4
(V+)-0.8
(V+)-1.2
(V-)+0.8
(V-)+0.4
Power Supply Voltage (V)
R
L = 10 k Ω
-40 °C
+85 C
°
+25 C
°
-40 °C
+85 C
°
-40 °C
+25 C
°
+85 C
°
0
5
10
15
20
INA128-HT, INA129-HT
www.ti.com
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
OUTPUT CURRENT
POWER SUPPLY VOLTAGE
Figure 14.
Figure 15.
SHORT-CIRCUIT OUTPUT CURRENT
MAXIMUM OUTPUT VOLTAGE
vs
vs
TEMPERATURE
FREQUENCY
Figure 16.
Figure 17.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com