Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74LS244 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL74LS244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LS244 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74LS244 Datasheet HTML 1Page - System Logic Semiconductor SL74LS244 Datasheet HTML 2Page - System Logic Semiconductor SL74LS244 Datasheet HTML 3Page - System Logic Semiconductor SL74LS244 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL74LS244
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
5.5
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IOH
High Level Output Current
-15
mA
IOL
Low Level Output Current
24
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -1.0 mA
2.7
V
VCC = min, IOH = -3.0 mA
2.4
VCC = min, IOH = -15 mA
2.0
VOL
Low Level Output Voltage
VCC = min, IOL = 12 mA
0.4
V
VCC = min, IOL = 24 mA
0.5
VT+ - VT-
Hysteresis
VCC = min
0.2
V
IOZH
Output Off Current HIGH
VCC = max, VOUT = 2.7 V
20
µA
IOZL
Output Off Current LOW
VCC = max, VOUT = 0.4 V
-20
µA
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
VCC = max, VIN = 7.0 V
0.1
mA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.2
mA
IO
Output Short Circuit Current
VCC = max, VO =0 V
(Note 1)
-40
-225
mA
ICC
Supply
Outputs High
VCC = max
27
mA
Current
Outputs Low
Outputs o pen
46
All outputs
disabled
54



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com