Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74LV32 Datasheet(PDF) 6 Page - System Logic Semiconductor

Part # SL74LV32
Description  Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV32 Datasheet(HTML) 6 Page - System Logic Semiconductor

  SL74LV32 Datasheet HTML 1Page - System Logic Semiconductor SL74LV32 Datasheet HTML 2Page - System Logic Semiconductor SL74LV32 Datasheet HTML 3Page - System Logic Semiconductor SL74LV32 Datasheet HTML 4Page - System Logic Semiconductor SL74LV32 Datasheet HTML 5Page - System Logic Semiconductor SL74LV32 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SL74LV32
6
System Logic
Semiconductor
SLS
CHIP PAD DIAGRAM SL74LV32
Pad size 0.108 x 0.108 mm (Pad size is given as per
metallization layer)
Thickness of chip 0.46
± 0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
A1
0.111
0.287
02
B1
0.111
0.119
03
Y1
0.504
0.111
04
A2
0.672
0.111
05
B2
1.009
0.111
06
Y2
1.009
0.277
07
GND
1.009
0.447
08
Y3
1.009
0.806
09
A3
1.009
0.974
10
B3
0.672
0.974
11
Y4
0.504
0.974
12
A4
0.336
0.974
13
B4
0.111
0.772
14
Vcc
0.111
0.618
02
03
04
05
06
07
08
09
10
11
12
13
14
1.23 0.03
±
Chip marking
25LV32
(x=1.009; y=0.727)
01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com