Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39050PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LD39050PUR
Description  500 mA low quiescent current low noise voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LD39050PUR Datasheet HTML 15Page - STMicroelectronics LD39050PUR Datasheet HTML 16Page - STMicroelectronics LD39050PUR Datasheet HTML 17Page - STMicroelectronics LD39050PUR Datasheet HTML 18Page - STMicroelectronics LD39050PUR Datasheet HTML 19Page - STMicroelectronics LD39050PUR Datasheet HTML 20Page - STMicroelectronics LD39050PUR Datasheet HTML 21Page - STMicroelectronics LD39050PUR Datasheet HTML 22Page - STMicroelectronics LD39050PUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LD39050xx
Package mechanical data
19/24
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
0.031
0.035
0.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.300.38
0.009
0.012
0.015
D2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.65
1.75
0.059
0.065
0.069
e0.950.037
L0.30
0.40
0.50
0.012
0.016
0.020
DFN6 (3x3 mm) mechanical data
7946637A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com