Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL75232 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL75232
Description  Line Driver / Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL75232 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL75232 Datasheet HTML 1Page - System Logic Semiconductor SL75232 Datasheet HTML 2Page - System Logic Semiconductor SL75232 Datasheet HTML 3Page - System Logic Semiconductor SL75232 Datasheet HTML 4Page - System Logic Semiconductor SL75232 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL75232
System Logic
Semiconductor
SLS
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC+
Supply Voltage
15
V
VCC-
Supply Voltage
-15
V
VCC
Supply Voltage
10
V
VI (Driver)
Input Voltage
-15
÷ +7
V
VI (Reciver)
Input Voltage
± 30
V
VO (Driver)
Output Voltage
-15
÷ +15
V
PT
Continuous Power Dissipation (Below 25
oC)
1.0
W
TSTG
Storage Temperature
-65
÷ +175
oC
Top
Operating Temperature
0
÷ +75
oC
Schematic
VCC-
300
70
6.2 Ê
8.2 Ê
70
10Ê
3.6Ê
VCC+
DA
DY
DRIVER
RESEIVER
10 Ê
2 Ê
4 Ê
2 Ê
5 Ê
9 Ê
VCC
DA
DY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com