Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD59015C08R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD59015C08R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C08R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD59015C08R Datasheet HTML 7Page - STMicroelectronics LD59015C08R Datasheet HTML 8Page - STMicroelectronics LD59015C08R Datasheet HTML 9Page - STMicroelectronics LD59015C08R Datasheet HTML 10Page - STMicroelectronics LD59015C08R Datasheet HTML 11Page - STMicroelectronics LD59015C08R Datasheet HTML 12Page - STMicroelectronics LD59015C08R Datasheet HTML 13Page - STMicroelectronics LD59015C08R Datasheet HTML 14Page - STMicroelectronics LD59015C08R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD59015xx
Typical performance characteristics
Doc ID 17488 Rev 3
11/16
Figure 16.
Line transient
Figure 17.
Load transient
COUT = 1 µF; VIN = VEN = from 4.5 to 5.5 V; VOUT = 3.3 V;
IOUT = 1 mA; trise = tfall = 25 µs
CIN = COUT = 1 µF; VIN = VEN = 2.3 V; VOUT = 0.8 V;
IOUT from 0.1 to 150 mA; trise = tfall = 25 µs
Figure 18.
Load transient
Figure 19.
Startup transient
CIN = COUT = 1 µF; VIN = VEN = 4.3 V; VOUT = 3.3 V;
IOUT from 0.1 to 150 mA; trise = tfall = 25 µs
COUT = 1 µF; VIN = VEN = from 0 to 5.5 V; VOUT = 3.3 V;
IOUT = 150 mA
Figure 20.
Enable transient
CIN = COUT = 1 µF; VIN = 4.3; VEN = from 0 to 5.5 V;
VOUT = 3.3 V; IOUT = 1 mA; trise = 25 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com