Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD59015C18R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD59015C18R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C18R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD59015C18R Datasheet HTML 6Page - STMicroelectronics LD59015C18R Datasheet HTML 7Page - STMicroelectronics LD59015C18R Datasheet HTML 8Page - STMicroelectronics LD59015C18R Datasheet HTML 9Page - STMicroelectronics LD59015C18R Datasheet HTML 10Page - STMicroelectronics LD59015C18R Datasheet HTML 11Page - STMicroelectronics LD59015C18R Datasheet HTML 12Page - STMicroelectronics LD59015C18R Datasheet HTML 13Page - STMicroelectronics LD59015C18R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
LD59015xx
10/16
Doc ID 17488 Rev 3
Figure 10.
VUVLO vs. temperature
Figure 11.
ESR vs. COUT
Figure 12.
Supply voltage regulation vs.
frequency
Figure 13.
Supply voltage regulation vs. IOUT
Figure 14.
ISC vs. VDROP
Figure 15.
Line transient
COUT = 1 µF; VIN = VEN = from 2.3 to 3.3 V; VOUT = 0.8 V;
IOUT = 1 mA; trise = tfall = 25 µs
1.50
1.70
1.90
2.10
2.30
2.50
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
turn-off
turn on
1.50
1.70
1.90
2.10
2.30
2.50
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
turn-off
turn on
0.00
0.01
0.10
1.00
10.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
0.00
0.01
0.10
1.00
10.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
40
50
60
70
80
90
100
100
1000
10000
100000
f [Hz]
V
IN = 4.8 V, Vripple pk-pk = 1 V, VO = 3.3 V
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
I
OUT [mA]
1 kHz
100 Hz
10 kHz
V
IN = 4.8 V, Vripple pk-pk = 1 V, VO = 3.3 V
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
I
OUT [mA]
1 kHz
100 Hz
10 kHz
V
IN = VEN
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
56
Vdrop [V]
125 ºC
-40 ºC
25 ºC
V
IN = VEN
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
56
Vdrop [V]
125 ºC
-40 ºC
25 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com