Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD59015C25R Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD59015C25R
Description  150 mA low noise high PSRR linear voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015C25R Datasheet(HTML) 3 Page - STMicroelectronics

  LD59015C25R Datasheet HTML 1Page - STMicroelectronics LD59015C25R Datasheet HTML 2Page - STMicroelectronics LD59015C25R Datasheet HTML 3Page - STMicroelectronics LD59015C25R Datasheet HTML 4Page - STMicroelectronics LD59015C25R Datasheet HTML 5Page - STMicroelectronics LD59015C25R Datasheet HTML 6Page - STMicroelectronics LD59015C25R Datasheet HTML 7Page - STMicroelectronics LD59015C25R Datasheet HTML 8Page - STMicroelectronics LD59015C25R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD59015xx
Block diagram
Doc ID 17488 Rev 3
3/16
1
Block diagram
Figure 1.
LD59015xx block diagram
Trimming
0.8 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1
Trimming
0.8 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com