Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ50C33R Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLQ50C33R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C33R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLQ50C33R Datasheet HTML 6Page - STMicroelectronics STLQ50C33R Datasheet HTML 7Page - STMicroelectronics STLQ50C33R Datasheet HTML 8Page - STMicroelectronics STLQ50C33R Datasheet HTML 9Page - STMicroelectronics STLQ50C33R Datasheet HTML 10Page - STMicroelectronics STLQ50C33R Datasheet HTML 11Page - STMicroelectronics STLQ50C33R Datasheet HTML 12Page - STMicroelectronics STLQ50C33R Datasheet HTML 13Page - STMicroelectronics STLQ50C33R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application information
STLQ50XX
10/18
7
Application information
The STLQ50 is a BiCMOS linear regulator specifically designed for operating in
environment with very low power consumption constraints. The very low quiescent current
of 3 µA is obtained with use of CMOS technology that makes the device suitable for those
application that have very long stand-by time. The very low power consumption allows
extending the battery life and the tiny packages (SOT323-5L or SOT23-5L) fulfil the space
saving requirements of battery powered equipments. Moreover the STLQ50 provides wide
input voltage operation from 2.5 V up to 12 V.
The P-MOS pass element allows also a very good drop-out figure: 0.7 V at full load and at
125 °C without affecting the consumption characteristics.
7.1
External components
The typical application schematic of STLQ50 is shown in Figure 1 - Figure 2, a 1 µF input
and output capacitors placed close to the device are needed in order to provide proper
operation. The device is stable with electrolytic and ceramic output capacitors having values
higher than 1 µF (see figure typical characteristics for stability details).
In the adjustable version (STLQ50) the output voltage is programmed using an external
resistor divider as shown in Figure 2. The output voltage can be adjusted from 1.22 to 11 V
and it can be calculated using the following formula:
VO = VFB x (1+R1/R2)
where VFB=1.222 V is the internal reference voltage;
The sum between R1 and R2 resistors should be chosen in order to guarantee 1 µA of
divider current at least. Lower value resistors will improve the noise performances but the
quiescent current will increase. Higher value resistors should be avoided because the ADJ
leakage current will influence the voltage set by the resistor divider making the above
formula no more valid.
The suggested design procedure is to choose R2 = 1 MΩ and then calculate R1 using the
following formula: R1 = (VO/VFB-1) x R2
7.2
Power dissipation
In order to ensure proper operation, the STLQ50 junction temperature should never exceed
125 °C, this limits the maximum power dissipation the regulator can sustain in any
application. The maximum power dissipation can be calculated as:
PDMAX = (TJMAX - TA)/RthJA
where TJMAX = 125 °C;
TA is the ambient temperature;
RthJA is the junction to ambient thermal resistance of the package (seeTable 4 thermal
data).
The power dissipation can be calculated simply as:
PD = (VI - VO) x IO
In every application condition, PD must be lower than PDMAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com