Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL75232D Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # IL75232D
Description  Line Driver / Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

IL75232D Datasheet(HTML) 4 Page - System Logic Semiconductor

  IL75232D Datasheet HTML 1Page - System Logic Semiconductor IL75232D Datasheet HTML 2Page - System Logic Semiconductor IL75232D Datasheet HTML 3Page - System Logic Semiconductor IL75232D Datasheet HTML 4Page - System Logic Semiconductor IL75232D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL75232
System Logic
Semiconductor
SLS
Power Off
VO = -2V to 2V
Driver Switching Characteristic
VCC+ = 9V, VCC- = -9V TA = 25
OC
Symbol
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
RL = 3 k
Ω
500
ns
Low-To-High-Level Output
CL = 15
µF
tPHL
Propagation Delay Time,
175
ns
High -To- Low -Level Output
See Figure 1
tTLH
Transition Time,
100
ns
Low-To-High-Level Output *
tTHL
Transition Time,
75
ns
High -To- Low -Level Output*
tTLH
Transition Time,
RL = 3 k
Ω to 7 kΩ
2.5
µs
Low-To-High-Level Output**
CL = 2500
ρF
(tip)
tTHL
Transition Time,
3.0
µs
High-To-Low -Level Output**
See Figure 1
(tip)
*- Measured between 10 % and 90 % Points of Output Waveform
** -
Measured between +3V and -3V Points on the Output Waveform (EIA-232-D Condition)
Receiver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
VT+
Positive-Going
1.75
2.25
V
Threshold Voltage
VT-
Negative-Going
0.75
1.25
V
Threshold Voltage
VOH
High Level Output
VI= 0.75V, IOL=-0.5mA
2.6
5
V
Voltage
Input Open,
2.6
5
IOL = -0.5 mA
VOL
Low Level Output Voltage
VI= 3V, IOL = 10 mA
0.45
V
IIH
High-Level Input Current
VI= 25V
3.6
8.3
mA
VI= 3V
0.43
IIL
Low-Level Input Current
VI= -25V
-3.6
-8.3
mA
VI= -3V
-0.43
IOS
Short-Circuit
-3
mA
Output Current
(tip)
Receiver Switching Characteristic
VCC= 5V
Symbol
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
CL = 15
ρF
190
ns
Low-To-High-Level Output
RL = 3.9 k
Ω
tPHL
Propagation Delay Time,
CL = 15
ρF
60
ns
High -To- Low -Level Output
RL = 390 k
Ω
tTLH
Transition Time,
CL = 15
ρF
175
ns
Low-To-High-Level Output
RL = 3.9 k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com