Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW38-4G Datasheet(PDF) 33 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-4G Datasheet(HTML) 33 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-4G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW38-4G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
33
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5929, 5930
Channel style heat sink featuring twisted fins
Channel style heat sink features
twisted fins for increased air turbu-
lence for better cooling. Two heights
are available and include wave solder-
able tin plated tabs for easy attachment
to the PC board.
17.78
(0.700)
3.18
(0.125)
THRU
0.81
(0.032)
10.16
(0.400)
1.90
(0.075)
12.70
(0.500)
4.27
(0.170)
ø
"A"
23.93
(0.942)
"X"
Part Number
“A” Dim
592902B03400G
24.89 (0.980)
2.36 (0.093)
593002B03400G
29.97 (1.180)
2.36 (0.093)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
02
4
6
8
10
16
12
4
8
0
0
400
200
600
800
1000
593002
592902
17.78
(0.700)
25.40
(1.000)
5.08
(0.200)
"A"
12.70
(0.500)
8.89
(0.350)
2.54
(0.100)
9.52
(0.375)
3.81
(0.150)
TYP
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
576602
563002
Channel style heat sink features three
integrated tabs for greater stability and
slotted mounting hole to accommodate a
variety of device lead lengths. Available in
two heights. Mounting tabs are designed
for either soldering (tin finish) or twisted.
5630, 5766
Channel style heat sink featuring three integrated tabs
5750
Channel style heat sink with two integrated tabs
Channel style heat sink features two
integrated tabs and slotted mounting
hole to accommodate a variety of device
lead lengths. Mounting tabs are designed
for either soldering (tin finish) or twisted.
25.40
(1.000)
9.52
(0.375)
3.81
(0.150)
5.08
(0.200)
17.78
(0.700)
29.97
(1.180)
12.70
(0.500)
10.16
(0.400)
2.54
(0.100)
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Finish
575002B00000G
Black anodize
3.10 (0.122)
575002D00000G
Tin plated
3.10 (0.122)
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Position
Code
Description
Location Details
A
05
4-40 male semiconductor mount 0.380 LG
Hole X
Page 90
ORDERING INFORMATION
Part Number
“A” Dim
Finish
563002B00000G
29.97 (1.180)
Black anodize
3.10 (0.122)
563002D00000G
29.97 (1.180)
Tin plated
3.10 (0.122)
576602B00000G
24.13 (0.950)
Black anodize
3.10 (0.122)
576602D00000G
24.13 (0.950)
Tin plated
3.10 (0.122)
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
POPULAR OPTIONS:
Base part no.
A
59 _ _ 02B034 00G
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com