Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ50M33R Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLQ50M33R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50M33R Datasheet(HTML) 5 Page - STMicroelectronics

  STLQ50M33R Datasheet HTML 1Page - STMicroelectronics STLQ50M33R Datasheet HTML 2Page - STMicroelectronics STLQ50M33R Datasheet HTML 3Page - STMicroelectronics STLQ50M33R Datasheet HTML 4Page - STMicroelectronics STLQ50M33R Datasheet HTML 5Page - STMicroelectronics STLQ50M33R Datasheet HTML 6Page - STMicroelectronics STLQ50M33R Datasheet HTML 7Page - STMicroelectronics STLQ50M33R Datasheet HTML 8Page - STMicroelectronics STLQ50M33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STLQ50XX
Maximum ratings
5/18
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
-0.3 to +14
V
VFB
FB voltage
-0.3 to +7
V
ESD
Human body model (all pins)
±2
kV
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
SOT323-5L
SOT23-5L
Unit
RthJA
Thermal resistance junction-ambient
331.4 (1)
191 (1)
°C/W
1.
This value is referred to a 4-layer PCB, JEDEC standard test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com