Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW63-4G Datasheet(PDF) 66 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 66 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
66
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
SIPS
ORDERING INFORMATION
5660
Plug in style heat sink
Plug in style heat sink features
four spring action clips to firmly
hold the device to the heat sink
ensuring maximum metal to metal
contact. Available with or without
solderable tabs for horizontal or
vertical mounting to the PC board.
10.67
(0.420)
15.88
(0.625)
30.99
(1.220)
12.70
(0.500)
4.06
(0.160)
1.27
(0.050)
25.40
(1.000)
CL
12.06
(0.475)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
ORDERING INFORMATION
3.81
(0.150)
15.75
(0.620)
3.73
(0.147)
9.65
(0.380)
12.70
(0.500)
21.46
(0.845)
CL
0.64
(0.025)
LOCKING CATCH
3.30
(0.130)
ø
Part Number
Finish
530510U00000G
Unfinished
530510B00000G
Black anodize
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Channel style heat sink with
integrated clip features strong
spring tension and device locking
catch to attach device securely to
the heat sink. Available in two finishes.
5305
Channel style heat sink with integrated clip
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 0.81 (0.032) Thick Aluminum
Finish: See Table
Part Number
Description
Figure
566010B00000G
Plug in style heat sink, no solderable tabs
B
566010B03100G
With solderable tab for horizontal mounting
B
1.73 (0.068)
566010B03400G
With solderable tabs for vertical mounting
A
2.39 (0.094)
Dia of PCB
Plated Thru
Hole for Tabs
Position
Code
Description
Details
A
28
Solderable Shur-LockTM Tab for vertical mounting
Page 91
22.86
(0.900)
0.81
(0.032)
30.99
(1.220)
5.03
(0.198)
1.91
(0.075)
8.13
(0.320)
12.70
(0.500)
25.40
(1.000)
CL
TAB
FIGURE A
FIGURE B
POPULAR OPTIONS:
Base part no.
A
566010B0 00 00G
For additional options see page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com