Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW63-4G Datasheet(PDF) 106 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 106 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 116 page
background image
106
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Insulating Covers
Insulating covers are designed to provide protection from accidental shock
during field service or repair.
Pan head screws not provided–MS 51957-30 or equivalent recommended–secure the cover
to the TO-3. At the typical mounting screw torque of 0.68–0.90 Nm (6-8 inch pounds), the
TO-3 cover material cold-flows around the screw head to securely fasten the cover.
Included are No.6 split washers as inserts to provide electrical connection of mounting screws
to the TO-3 collector and an insulating snap-in cover for the screw heads. A test probe hole is
provided in the top of the cover.
The 8903VB is made from thermoplastic polyester that meets the requirements of UL Bulletin
94 V-O. In addition to its excellent flammability rating, thermoplastic polyester offers resistance
to most chemical environments, heat deflection temperature to 215.6°C (420°F) and UL contin-
uous use temperature of 130°C (266°F).
41.91
(1.650)
30.23
(1.190)
28.45
(1.120)
1.19
(0.047)
THRU
6.22
(0.245)
THRU TYP (2)
22.61
(0.890)
39.88
(1.570)
9.91
(0.390)
4.57
(0.180)
DIA
DIA
5.54
(0.218)
"A"
1.47
(0.058)
3.58
(0.141)
Ø
9.52
(0.375)
Ø
"T"
"O.D."
"I.D."
TO-3 Insulating Covers
Teflon-filled Acetal Insulators for TO-3
Teflon-filled Acetal Bushings for TO-3
Part number
Material
Color
Flammability standards
8903NWG
Nylon
White
Self-extinguishing UL 94 V-2
8903VBG
Thermoplastic polyester
Black
Self-extinguishing UL 94 V-0 UL 492 Type 1
Part number
Fits notch
“A” Dim
103G
4.83 (0.190)
4.90 (0.193)
109G
6.35 (0.250)
6.35 (0.250)
Part number
“I.D.”
“O.D.”
“T”
110G
5.03/5.21(0.198/0.205)
6.81/6.98 (0.268/0.275)
1.57/1.40 (0.062/0.055)
113G
6.43/6.60 (0.253/0.260)
7.82/8.00 (0.308/0.315)
1.57/1.40 (0.062/0.055)
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com