Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75232 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 75232
Description  Line Driver / Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

75232 Datasheet(HTML) 1 Page - System Logic Semiconductor

  75232 Datasheet HTML 1Page - System Logic Semiconductor 75232 Datasheet HTML 2Page - System Logic Semiconductor 75232 Datasheet HTML 3Page - System Logic Semiconductor 75232 Datasheet HTML 4Page - System Logic Semiconductor 75232 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL75232
System Logic
Semiconductor
SLS
Line Driver / Receiver
Description
The
SL75232N,
SL75232D
are
monolithic
device
containing 3 independent drives and 5 receivers. These are
designed to interface between date terminal equipment and
date communication equipment as designed by EIA-232-D.
Features
• Meets standard EIA-232-D (Revision of RS-232-C)
• Drivers
- Current Limited Output
10 mA Typical
- Power-off Output Impedance
300
Ω Min
- Slew Rate Control by Load Capacitor
- Flexible Supply Voltage Range
- Input Compatible with Most TTL and DTL Circuits
• Receivers
- Input Resistance
3 k
Ω to 7 kΩ
- Input Signal Range
± 30 V
- Built-in Input Hysteresis (Double Threshold)
• 20 DIP/SO20: ÌS-001AD (SL75232N) / ÌS-013AÑ
(SL75232D)
Pin Description
Name
Pin No
Function
Name
Pin No
Function
VCC+
1
Driver Section Supply +
VCC-
10
Driver Section Supply -
DA1
16
DY1
5
DA2
15
DY2
6
Driver Output
DA3
13
Driver Input
DY3
8
VCC
20
Receiver Section Supply
GND
11
Ground
RA1
2
RY1
19
RA2
3
RY2
18
RA3
4
Receiver Input
RY3
17
Receiver Output
RA4
7
RY4
14
RA5
9
RY5
12
V CC-
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
V CC+
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
V CC
Block Diagram
IL75232N, IL75232D


Similar Part No. - 75232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
75232 TI-75232 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75232 UTC-75232 Datasheet
352Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75232-D20-T UTC-75232-D20-T Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
75232-D20-T UTC-75232-D20-T Datasheet
352Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75232

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
RS232C LINE DRIVER/RECEIVER
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
RS232C LINE DRIVER/RECEIVER?
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
TRIPLE LINE DRIVER/RECEIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
Differential Line Driver/Receiver
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
Line Driver/Receiver
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
logo
Analog Devices
ADM3232E AD-ADM3232E_15 Datasheet
232Kb / 12P
Line Driver/Receiver
REV. B
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com